| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 400 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 400 Page - Renesas Technology Corp |
|
400 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 372 of 1270 REJ09B0466-0100 (6) DREQ Pin Low Level Activation Timing (Normal Mode) Set the DTA bit in DMABCRH to 1 for the channel for which the DREQ pin is selected. Figure 7.24 shows an example of normal mode transfer activated by the DREQ pin low level. DMA read DMA write Address bus φ DREQ Idle Write Idle Bus release DMA control Channel Write Idle Transfer source Bus release DMA read DMA write Bus release Request [1] [3] [2] [4] [6] [5] [7] Acceptance resumes Acceptance resumes Transfer destination Transfer source Transfer destination Request Request clear period Request clear period Read Read Minimum of 2 cycles Minimum of 2 cycles [1] Acceptance after transfer enabling; the DREQ pin low level is sampled on the rising edge of φ, and the request is held. [2] [5] The request is cleared at the next bus break, and activation is started in the DMAC. [3] [6] The DMA cycle is started. [4] [7] Acceptance is resumed after the write cycle is completed. (As in [1], the DREQ pin low level is sampled on the rising edge of φ, and the request is held.) Note: In write data buffer mode, bus breaks from [2] to [7] may be hidden, and not visible. Figure 7.24 Example of DREQ Pin Low Level Activated Normal Mode Transfer DREQ pin sampling is performed every cycle, with the rising edge of the next φ cycle after the end of the DMABCR write cycle for setting the transfer enabled state as the starting point. When the DREQ pin low level is sampled while acceptance by means of the DREQ pin is possible, the request is held in the DMAC. Then, when activation is initiated in the DMAC, the request is cleared. After the end of the write cycle, acceptance resumes, DREQ pin low level sampling is performed again, and this operation is repeated until the transfer ends. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |