Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 411Page - Renesas Technology Corp H8S/2426R Datasheet HTML 412Page - Renesas Technology Corp H8S/2426R Datasheet HTML 413Page - Renesas Technology Corp H8S/2426R Datasheet HTML 414Page - Renesas Technology Corp H8S/2426R Datasheet HTML 415Page - Renesas Technology Corp H8S/2426R Datasheet HTML 416Page - Renesas Technology Corp H8S/2426R Datasheet HTML 417Page - Renesas Technology Corp H8S/2426R Datasheet HTML 418Page - Renesas Technology Corp H8S/2426R Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 387 of 1270
REJ09B0466-0100
7.6
Interrupt Sources
The sources of interrupts generated by the DMAC are transfer end and transfer break. Table 7.12
shows the interrupt sources and their priority order.
Table 7.12
Interrupt Sources and Priority Order
Interrupt Source
Interrupt Name
Short Address Mode
Full Address Mode
Interrupt
Priority Order
DMTEND0A
Interrupt due to end of
transfer on channel 0A
Interrupt due to end of
transfer on channel 0
High
DMTEND0B
Interrupt due to end of
transfer on channel 0B
Interrupt due to break in
transfer on channel 0
DMTEND1A
Interrupt due to end of
transfer on channel 1A
Interrupt due to end of
transfer on channel 1
DMTEND1B
Interrupt due to end of
transfer on channel 1B
Interrupt due to break in
transfer on channel 1
Low
Enabling or disabling of each interrupt source is set by means of the DTIE bit in DMABCRL for
the corresponding channel in DMABCRL, and interrupts from each source are sent to the interrupt
controller independently. The priority of transfer end interrupts on each channel is decided by the
interrupt controller, as shown in table 7.12.
Figure 7.38 shows a block diagram of a transfer end/transfer break interrupt. An interrupt is
always generated when the DTIE bit is set to 1 while the DTE bit in DMABCRL is cleared to 0.
DTE/
DTME
DTIE
Transfer end/transfer
break interrupt
Figure 7.38 Block Diagram of Transfer End/Transfer Break Interrupt
In full address mode, a transfer break interrupt is generated when the DTME bit is cleared to 0
while the DTIE bit is set to 1. In both short address mode and full address mode, DMABCR
should be set so as to prevent the occurrence of a combination that constitutes a condition for
interrupt generation during setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com