Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 421Page - Renesas Technology Corp H8S/2426R Datasheet HTML 422Page - Renesas Technology Corp H8S/2426R Datasheet HTML 423Page - Renesas Technology Corp H8S/2426R Datasheet HTML 424Page - Renesas Technology Corp H8S/2426R Datasheet HTML 425Page - Renesas Technology Corp H8S/2426R Datasheet HTML 426Page - Renesas Technology Corp H8S/2426R Datasheet HTML 427Page - Renesas Technology Corp H8S/2426R Datasheet HTML 428Page - Renesas Technology Corp H8S/2426R Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 397 of 1270
REJ09B0466-0100
8.3.2
EXDMA Destination Address Register (EDDAR)
EDDAR is a 32-bit readable/writable register that specifies the transfer destination address. An
address update function is provided that updates the register contents to the next transfer
destination address each time transfer processing is performed. In single address mode, the
EDDAR value is ignored when a device with
DACK is specified as the transfer destination.
The upper 8 bits of EDDAR are reserved; they are always read as 0 and cannot be modified. Only
0 should be written to these bits.
EDDAR can be read at all times by the CPU. When reading EDDAR for a channel on which
EXDMA transfer processing is in progress, a longword-size read must be executed. Do not write
to EDDAR for a channel on which EXDMA transfer is in progress. The initial values of EDDAR
are undefined.
8.3.3
EXDMA Transfer Count Register (EDTCR)
EDTCR specifies the number of transfers. The function differs according to the transfer mode. Do
not write to EDTCR for a channel on which EXDMA transfer is in progress.
(1)
Normal Transfer Mode
Bit
Bit Name
Initial Value
R/W
Description
31 to 24
—
All 0
—
Reserved
These bits are always read as 0 and cannot be
modified.
23 to 0
All 0
R/W
24-Bit Transfer Counter
These bits specify the number of transfers. Setting
H'000001 specifies one transfer. Setting H'000000
means no specification for the number of
transfers, and the transfer counter function is
halted. In this case, there is no transfer end
interrupt by the transfer counter. Setting
H'FFFFFF specifies the maximum number of
transfers, that is 16,777,215. During EXDMA
transfer, this counter shows the remaining number
of transfers.
This counter can be read at all times. When
reading EDTCR for a channel on which EXDMA
transfer processing is in progress, a longword-size
read must be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com