Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 439Page - Renesas Technology Corp H8S/2426R Datasheet HTML 440Page - Renesas Technology Corp H8S/2426R Datasheet HTML 441Page - Renesas Technology Corp H8S/2426R Datasheet HTML 442Page - Renesas Technology Corp H8S/2426R Datasheet HTML 443Page - Renesas Technology Corp H8S/2426R Datasheet HTML 444Page - Renesas Technology Corp H8S/2426R Datasheet HTML 445Page - Renesas Technology Corp H8S/2426R Datasheet HTML 446Page - Renesas Technology Corp H8S/2426R Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 415 of 1270
REJ09B0466-0100
(2)
Burst Mode
In burst mode, once the EXDMAC acquires the bus it continues transferring data, without
releasing the bus, until the transfer end condition is satisfied. There is no burst mode in external
request mode.
In burst mode, once transfer is started it is not interrupted even if there is a transfer request from
another channel with higher priority. When the burst mode channel finishes its transfer, it releases
the bus in the next cycle in the same way as in cycle steal mode.
When the EDA bit is cleared to 0 in EDMDR, DMA transfer is halted. However, DMA transfer is
executed for all transfer requests generated within the EXDMAC up until the EDA bit was cleared
to 0.
If a repeat area overflow interrupt is generated, the EDA bit is cleared to 0 and transfer is
terminated.
When the BGUP bit is set to 1 in EDMDR, the bus is released if a bus request is issued by another
bus master during burst transfer. If there is no bus request, burst transfer is executed even if the
BGUP bit is set to 1.
Figure 8.6 shows examples of the timing in burst mode.
CPU
CPU
CPU
CPU
Bus cycle
EXDMAC operates alternately with CPU
EXDMAC
EXDMAC
EXDMAC
Transfer conditions:
Auto request mode, BGUP = 1
CPU
CPU
CPU
CPU
Bus cycle
CPU cycle not generated
EXDMAC
EXDMAC
EXDMAC
Transfer conditions:
Auto request mode, BGUP = 0
Figure 8.6 Examples of Timing in Burst Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com