Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 448Page - Renesas Technology Corp H8S/2426R Datasheet HTML 449Page - Renesas Technology Corp H8S/2426R Datasheet HTML 450Page - Renesas Technology Corp H8S/2426R Datasheet HTML 451Page - Renesas Technology Corp H8S/2426R Datasheet HTML 452Page - Renesas Technology Corp H8S/2426R Datasheet HTML 453Page - Renesas Technology Corp H8S/2426R Datasheet HTML 454Page - Renesas Technology Corp H8S/2426R Datasheet HTML 455Page - Renesas Technology Corp H8S/2426R Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 424 of 1270
REJ09B0466-0100
When transfer is halted by writing 0 to the EDA bit, the EDA bit remains at 1 during the DMA
transfer period. In block transfer mode, since a block-size transfer is carried out without
interruption, the EDA bit remains at 1 from the time 0 is written to it until the end of the current
block-size transfer.
In burst mode, transfer is halted for up to three DMA transfers following the bus cycle in which 0
is written to the EDA bit. The EDA bit remains set to 1 from the time of the 0-write until the end
of the last DMA cycle.
Writes (except to the EDA bit) are prohibited to registers of a channel for which the EDA bit is set
to 1. When changing register settings after a 0-write to the EDA bit, it is necessary to confirm that
the EDA bit has been cleared to 0.
Figure 8.12 shows the procedure for changing register settings in an operating channel.
Read EDA bit
Write 0 to EDA bit
Change register settings
EDA bit = 0?
[1]
[2]
[3]
[4]
[1] Write 0 to the EDA bit in EDMDR.
[2] Read the EDA bit.
[3] Confirm that EDA = 0. If EDA = 1, this
indicates that DMA transfer is in progress.
[4] Write the required set values to the
registers.
No
Yes
Changing register settings
in operating channel
Register setting
changes completed
Figure 8.12 Procedure for Changing Register Settings in Operating Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com