Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 483Page - Renesas Technology Corp H8S/2426R Datasheet HTML 484Page - Renesas Technology Corp H8S/2426R Datasheet HTML 485Page - Renesas Technology Corp H8S/2426R Datasheet HTML 486Page - Renesas Technology Corp H8S/2426R Datasheet HTML 487Page - Renesas Technology Corp H8S/2426R Datasheet HTML 488Page - Renesas Technology Corp H8S/2426R Datasheet HTML 489Page - Renesas Technology Corp H8S/2426R Datasheet HTML 490Page - Renesas Technology Corp H8S/2426R Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 459 of 1270
REJ09B0466-0100
(4)
Activation Source Acceptance
At the start of activation source acceptance, low level sensing is used for both falling edge sensing
and low level sensing on the
EDREQ pin. Therefore, a request is accepted in the case of a low
level at the
EDREQ pin that occurs before execution of the EDMDR write for setting the transfer-
enabled state.
When the EXDMAC is activated, make sure, if necessary, that a low level does not remain at the
EDREQ pin from the previous end of transfer, etc.
(5)
Enabling Interrupt Requests when IRF = 1 in EDMDR
When transfer is started while the IRF bit is set to 1 in EDMDR, if the EDIE bit is set to 1 in
EDMDR together with the EDA bit in EDMDR, enabling interrupt requests, an interrupt will be
requested since EDIE = 1 and IRF = 1. To prevent the occurrence of an erroneous interrupt request
when transfer starts, ensure that the IRF bit is cleared to 0 before the EDIE bit is set to 1.
(6)
ETEND Pin and CBR Refresh Cycle
If the last EXDMAC transfer cycle and a CBR refresh cycle occur simultaneously, note that
although the CBR refresh and the last transfer cycle may be executed consecutively,
ETEND may
also go low in this case for the refresh cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com