Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 489Page - Renesas Technology Corp H8S/2426R Datasheet HTML 490Page - Renesas Technology Corp H8S/2426R Datasheet HTML 491Page - Renesas Technology Corp H8S/2426R Datasheet HTML 492Page - Renesas Technology Corp H8S/2426R Datasheet HTML 493Page - Renesas Technology Corp H8S/2426R Datasheet HTML 494Page - Renesas Technology Corp H8S/2426R Datasheet HTML 495Page - Renesas Technology Corp H8S/2426R Datasheet HTML 496Page - Renesas Technology Corp H8S/2426R Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 465 of 1270
REJ09B0466-0100
9.2.2
DTC Mode Register B (MRB)
MRB selects the DTC operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
CHNE
Undefined
—
DTC Chain Transfer Enable
When this bit is set to 1, a chain transfer will be
performed. For details, refer to section 9.5.4,
Chain Transfer.
In data transfer with CHNE set to 1, determination
of the end of the specified number of transfers,
clearing of the activation source flag, and clearing
of DTCER is not performed.
6
DISEL
Undefined
—
DTC Interrupt Select
When this bit is set to 1, a CPU interrupt request is
generated every time after a data transfer ends.
When this bit is set to 0, a CPU interrupt request is
generated at the time when the specified number
of data transfer ends.
5
CHNS
Undefined
—
DTC Chain Transfer Select
Specifies the chain transfer condition.
0: Chain transfer every time
1: Chain transfer only when transfer counter = 0
4 to 0
—
Undefined
—
Reserved
These bits have no effect on DTC operation, and
should always be written with 0.
9.2.3
DTC Source Address Register (SAR)
SAR is a 24-bit register that designates the source address of data to be transferred by the DTC.
For word-size transfer, specify an even source address.
9.2.4
DTC Destination Address Register (DAR)
DAR is a 24-bit register that designates the destination address of data to be transferred by the
DTC. For word-size transfer, specify an even destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com