Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 623 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 619Page - Renesas Technology Corp H8S/2426R Datasheet HTML 620Page - Renesas Technology Corp H8S/2426R Datasheet HTML 621Page - Renesas Technology Corp H8S/2426R Datasheet HTML 622Page - Renesas Technology Corp H8S/2426R Datasheet HTML 623Page - Renesas Technology Corp H8S/2426R Datasheet HTML 624Page - Renesas Technology Corp H8S/2426R Datasheet HTML 625Page - Renesas Technology Corp H8S/2426R Datasheet HTML 626Page - Renesas Technology Corp H8S/2426R Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 595 of 1270
REJ09B0466-0100
• Mode 7
EXPE
1
0
A21E
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
Can be used as
I/O port
Input
state
Output
state
PA5DDR
0
1
0
0
1
0
1
0
PA5
input
PA5
output
SSCK0-B
input*
2
SSCK0-B
output*
3
PA5
input
A21
output
PA5
input
PA5
output
SSCK0-B
input*
2
SSCK0-B
output*
3
IRQ5-A interrupt input*1
Pin function
SSCK0-B input*
2
Notes: 1.
IRQ5-A input when the ITS5 bit in ITSR is 0.
2. SSCK0-B input when SSCK0S1 and SSCK0S0 = B'00 in PFCR5, and SSUMS, MSS,
and SCKS = B'001 or B'101.
3. SSCK0-B output when SSCK0S1 and SSCK0S0 = B'00 in PFCR5, and SSUMS, MSS,
and SCKS = B'
×11.
SSCK pin settings
SSUMS
0
1
MSS
0
1
0
1
SCKS
0
1
0
1
0
1
0
1
Pin state
Input
Output
Input
Output
Legend:
: Pin is not used by the SSU (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com