Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 652Page - Renesas Technology Corp H8S/2426R Datasheet HTML 653Page - Renesas Technology Corp H8S/2426R Datasheet HTML 654Page - Renesas Technology Corp H8S/2426R Datasheet HTML 655Page - Renesas Technology Corp H8S/2426R Datasheet HTML 656Page - Renesas Technology Corp H8S/2426R Datasheet HTML 657Page - Renesas Technology Corp H8S/2426R Datasheet HTML 658Page - Renesas Technology Corp H8S/2426R Datasheet HTML 659Page - Renesas Technology Corp H8S/2426R Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 628 of 1270
REJ09B0466-0100
10.12.6
Pin Functions
Port D pins also function as the pins for data I/Os. The correspondence between the register
specification and the pin functions is shown below.
• PD7/D15, PD6/D14, PD5/D13, PD4/D12, PD3/D11, PD2/D10, PD1/D9, PD0/D8
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, and bit PDnDDR.
Operating
mode
1, 2, 4
7
EXPE
0
1
PDnDDR
0
1
Pin function
Data I/O
PDn input
PDn output
Data I/O
Legend:
n = 7 to 0
10.12.7
Port D Input Pull-Up MOS States
Port D has a built-in input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be used in mode 7. The input pull-up MOS can be specified as on or off
on a bit-by-bit basis.
In mode 7, when a PDDDR bit is cleared to 0, setting the corresponding PDPCR bit to 1 turns on
the input pull-up MOS for that pin.
Table 10.6 summarizes the input pull-up MOS states.
Table 10.6
Input Pull-Up MOS States for Port D
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1, 2, or 4
Off
Off
Off
Off
7
On/Off
On/Off
Legend:
Off:
Input pull-up MOS is always off.
On/Off: Input pull-up MOS is on when PDDDR = 0 and PDPCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com