Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 701Page - Renesas Technology Corp H8S/2426R Datasheet HTML 702Page - Renesas Technology Corp H8S/2426R Datasheet HTML 703Page - Renesas Technology Corp H8S/2426R Datasheet HTML 704Page - Renesas Technology Corp H8S/2426R Datasheet HTML 705Page - Renesas Technology Corp H8S/2426R Datasheet HTML 706Page - Renesas Technology Corp H8S/2426R Datasheet HTML 707Page - Renesas Technology Corp H8S/2426R Datasheet HTML 708Page - Renesas Technology Corp H8S/2426R Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 677 of 1270
REJ09B0466-0100
Item
Channel 6
Channel 7
Channel 8
Channel 9
Channel 10
Channel 11
DTC
activation
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
DMAC
activation
A/D
converter
trigger
TGRA_6
compare
match or
input capture
TGRA_7
compare
match or
input capture
TGRA_8
compare
match or
input capture
TGRA_9
compare
match or
input capture
TGRA_10
compare
match or
input capture
TGRA_11
compare
match or
input capture
PPG
trigger
TGRA_6/
TGRB_6
compare
match or
input capture
TGRA_7/
TGRB_7
compare
match or
input capture
TGRA_8/
TGRB_8
compare
match or
input capture
TGRA_9/
TGRB_9
compare
match or
input capture
Interrupt
sources
5 sources
• Compare
match or
input
capture
6A
• Compare
match or
input
capture
6B
• Compare
match or
input
capture
6C
• Compare
match or
input
capture
6D
• Overflow
4 sources
• Compare
match or
input
capture
7A
• Compare
match or
input
capture
7B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
8A
• Compare
match or
input
capture
8B
• Overflow
• Underflow
5 sources
• Compare
match or
input
capture
9A
• Compare
match or
input
capture
9B
• Compare
match or
input
capture
9C
• Compare
match or
input
capture
9D
• Overflow
4 sources
• Compare
match or
input
capture
10A
• Compare
match or
input
capture
10B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
11A
• Compare
match or
input
capture
11B
• Overflow
• Underflow
[Legend]
:
Possible
:
Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com