Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 721 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 721 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 717Page - Renesas Technology Corp H8S/2426R Datasheet HTML 718Page - Renesas Technology Corp H8S/2426R Datasheet HTML 719Page - Renesas Technology Corp H8S/2426R Datasheet HTML 720Page - Renesas Technology Corp H8S/2426R Datasheet HTML 721Page - Renesas Technology Corp H8S/2426R Datasheet HTML 722Page - Renesas Technology Corp H8S/2426R Datasheet HTML 723Page - Renesas Technology Corp H8S/2426R Datasheet HTML 724Page - Renesas Technology Corp H8S/2426R Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 693 of 1270
REJ09B0466-0100
11.3.2
Timer Mode Register (TMDR)
TMDR registers are used to set the operating mode for each channel. The TPU has six TMDR
registers, one for each channel. TMDR register settings should be made only when TCNT
operation is stopped.
Bit
Bit Name
Initial Value
R/W
Description
7
6
—
—
1
1
—
—
Reserved
These bits are always read as 1 and cannot be
modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to operate in the
normal way, or TGRB and TGRD are to be used
together for buffer operation. When TGRD is used
as a buffer register, TGRD input capture/output
compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRD,
bit 5 is reserved. It is always read as 0 and cannot
be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer
operation
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to operate in the
normal way, or TGRA and TGRC are to be used
together for buffer operation. When TGRC is used
as a buffer register, TGRC input capture/output
compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRC,
bit 4 is reserved. It is always read as 0 and cannot
be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer
operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
These bits are used to set the timer operating
mode.
MD3 is a reserved bit. The write value should
always be 0. See table 11.12 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com