Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 876 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 876 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 872Page - Renesas Technology Corp H8S/2426R Datasheet HTML 873Page - Renesas Technology Corp H8S/2426R Datasheet HTML 874Page - Renesas Technology Corp H8S/2426R Datasheet HTML 875Page - Renesas Technology Corp H8S/2426R Datasheet HTML 876Page - Renesas Technology Corp H8S/2426R Datasheet HTML 877Page - Renesas Technology Corp H8S/2426R Datasheet HTML 878Page - Renesas Technology Corp H8S/2426R Datasheet HTML 879Page - Renesas Technology Corp H8S/2426R Datasheet HTML 880Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 848 of 1270
REJ09B0466-0100
Smart Card Interface Mode (When SMIF bit in SCMR is 1)
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, TXI interrupt request is
enabled. TXI interrupt request cancellation can be
performed by reading 1 from the TDRE flag, then
clearing it to 0, or clearing the TIE bit to 0.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt
requests are enabled.
RXI and ERI interrupt request cancellation can be
performed by reading 1 from the RDRF flag, or the
FER, PER, or ORER flag, then clearing the flag to
0, or by clearing the RIE bit to 0.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled.
In this state, serial transmission is started when
transmit data is written to TDR and the TDRE flag
in SSR is cleared to 0. SMR setting must be
performed to decide the transfer format before
setting the TE bit to 1.
The TDRE flag in SSR is fixed at 1 if transmission
is disabled by clearing this bit to 0.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
Serial reception is started in this state when a start
bit is detected in asynchronous mode or serial
clock input is detected in clocked synchronous
mode. SMR setting must be performed to decide
the transfer format before setting the RE bit to 1.
Clearing the RE bit to 0 does not affect the RDRF,
FER, PER, and ORER flags, which retain their
states.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only
when the MP bit in SMR is 1 in asynchronous
mode)
Write 0 to this bit in Smart Card interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com