Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 887 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 887 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 883Page - Renesas Technology Corp H8S/2426R Datasheet HTML 884Page - Renesas Technology Corp H8S/2426R Datasheet HTML 885Page - Renesas Technology Corp H8S/2426R Datasheet HTML 886Page - Renesas Technology Corp H8S/2426R Datasheet HTML 887Page - Renesas Technology Corp H8S/2426R Datasheet HTML 888Page - Renesas Technology Corp H8S/2426R Datasheet HTML 889Page - Renesas Technology Corp H8S/2426R Datasheet HTML 890Page - Renesas Technology Corp H8S/2426R Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 859 of 1270
REJ09B0466-0100
15.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 15.2 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode,
clocked synchronous mode, and Smart Card interface mode. The initial value of BRR is H'FF, and
it can be read or written to by the CPU at all times.
Table 15.2
Relationships between N Setting in BRR and Bit Rate B
Mode
Bit Rate
Error
Asynchronous
Mode
B
=
64
× 2 2n−1 × (N + 1)
φ × 106
Clocked
Synchronous
Mode
B
=
8
× 2 2n−1 × (N + 1)
φ × 106
Smart Card
Interface Mode
B
=
S
× 2 2n+1 × (N + 1)
φ × 106
Error (%) = {
B × S × 2 2n+1 × (N + 1)
− 1 } × 100
φ × 106
Note:
B: Bit rate (bit/s)
N: BRR setting for baud rate generator (0
≤ N ≤ 255)
φ: Operating frequency (MHz)
n and S: Determined by the SMR settings shown in the following tables.
SMR Setting
SCMR Setting
SMR Setting
CKS1
CKS0
n
BCP2
BCP1
BCP0
S
0
0
0
0
0
0
93
0
1
1
0
0
1
128
1
0
2
0
1
0
186
1
1
3
0
1
1
512
1
0
0
32
1
0
1
64
1
1
0
372
1
1
1
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com