Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 906 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 906 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 902Page - Renesas Technology Corp H8S/2426R Datasheet HTML 903Page - Renesas Technology Corp H8S/2426R Datasheet HTML 904Page - Renesas Technology Corp H8S/2426R Datasheet HTML 905Page - Renesas Technology Corp H8S/2426R Datasheet HTML 906Page - Renesas Technology Corp H8S/2426R Datasheet HTML 907Page - Renesas Technology Corp H8S/2426R Datasheet HTML 908Page - Renesas Technology Corp H8S/2426R Datasheet HTML 909Page - Renesas Technology Corp H8S/2426R Datasheet HTML 910Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 878 of 1270
REJ09B0466-0100
Yes
<End>
[1]
No
Initialization
Start of reception
[2]
No
Yes
Read RDRF flag in SSR
[4]
[5]
Clear RE bit in SCR to 0
Read ORER, PER, and
FER flags in SSR
Error handling
(Continued on next page)
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
PER
∨ FER ∨ ORER = 1?
RDRF = 1?
All data received?
SCI initialization:
The RxD pin is automatically
designated as the receive data
input pin.
Receive error handling and
break detection:
If a receive error occurs, read the
ORER, PER, and FER flags in
SSR to identify the error. After
performing the appropriate error
processing, ensure that the
ORER, PER, and FER flags are
all cleared to 0. Reception cannot
be resumed if any of these flags
are set to 1. In the case of a
framing error, a break can be
detected by reading the value of
the input port corresponding to
the RxD pin.
SCI status check and receive
data read :
Read SSR and check that RDRF
= 1, then read the receive data in
RDR and clear the RDRF flag to
0. Transition of the RDRF flag
from 0 to 1 can also be identified
by an RXI interrupt.
Serial reception continuation
procedure:
To continue serial reception,
before the stop bit for the current
frame is received, read the
RDRF flag, read RDR, and clear
the RDRF flag to 0. The RDRF
flag is cleared automatically
when the DMAC or DTC is
activated by an RXI interrupt and
the RDR value is read.
[1]
[2] [3]
[4]
[5]
Figure 15.9 Sample Serial Reception Data Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com