| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 924 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 924 Page - Renesas Technology Corp |
|
924 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 896 of 1270 REJ09B0466-0100 15.7.2 Data Format (Except for Block Transfer Mode) Figure 15.22 shows the transfer data format in Smart Card interface mode. • One frame consists of 8-bit data plus a parity bit in asynchronous mode. • In transmission, a guard time of at least 2 etu (Elementary Time Unit: time for transfer of 1 bit) is left between the end of the parity bit and the start of the next frame. • If a parity error is detected during reception, a low error signal level is output for one etu period, 10.5 etu after the start bit. • If an error signal is sampled during transmission, the same data is retransmitted automatically after the elapse of 2 etu or longer. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When there is no parity error Transmitting station output Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When a parity error occurs Transmitting station output DE Receiving station output : Start bit : Data bits : Parity bit : Error signal Legend: Ds D0 to D7 Dp DE Figure 15.22 Normal Smart Card Interface Data Format Data transfer with the types of IC cards (direct convention and inverse convention) are performed as described in the following. Ds AZ Z A Z Z Z ZA A (Z) (Z) State D0 D1 D2 D3 D4 D5 D6 D7 Dp Figure 15.23 Direct Convention (SDIR = SINV = O/ E = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |