Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 961 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 961 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 957Page - Renesas Technology Corp H8S/2426R Datasheet HTML 958Page - Renesas Technology Corp H8S/2426R Datasheet HTML 959Page - Renesas Technology Corp H8S/2426R Datasheet HTML 960Page - Renesas Technology Corp H8S/2426R Datasheet HTML 961Page - Renesas Technology Corp H8S/2426R Datasheet HTML 962Page - Renesas Technology Corp H8S/2426R Datasheet HTML 963Page - Renesas Technology Corp H8S/2426R Datasheet HTML 964Page - Renesas Technology Corp H8S/2426R Datasheet HTML 965Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 961 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 933 of 1270
REJ09B0466-0100
16.3.5
I
2C Bus Status Register (ICSR)
ICSR is an 8-bit readable/writable register that performs confirmation of interrupt request flags
and status.
Bit
Bit Name
Initial Value
R/W
Description
7
TDRE
0
R/W
Transmit Data Register Empty
[Setting condition]
• When data is transferred from ICDRT to ICDRS
and ICDRT becomes empty.
• When TRS has been set.
• When a start condition (including retransmission)
has been issued.
• When a transition from the receive mode to the
transmit mode has been made in the slave mode.
• [Clearing conditions]
• When 0 is written in TDRE after reading
TDRE = 1.
• When data is written in ICDRT.
6
TEND
0
R/W
Transmit End
[Setting condition]
• When the ninth clock of SCL is rose while the
TDRE flag is 1.
[Clearing conditions]
• When 0 is written in TEND after reading
TEND = 1.
• When data is written in ICDRT.
5
RDRF
0
R/W
Receive Data Register Full
[Setting condition]
• When a received data is transferred from ICDRS
to ICDRR.
[Clearing conditions]
• When 0 is written in RDRF after reading
RDRF = 1.
• When data is read from ICDRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com