Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 998 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 998 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 994Page - Renesas Technology Corp H8S/2426R Datasheet HTML 995Page - Renesas Technology Corp H8S/2426R Datasheet HTML 996Page - Renesas Technology Corp H8S/2426R Datasheet HTML 997Page - Renesas Technology Corp H8S/2426R Datasheet HTML 998Page - Renesas Technology Corp H8S/2426R Datasheet HTML 999Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1000Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1001Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1002Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 998 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 970 of 1270
REJ09B0466-0100
17.3.5
A/D Control Register (ADCR_1) Unit 1
ADCR enables A/D conversion to be started by an external trigger input.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
TRGS1
TRGS0
EXTRGS
0
0
0
R/W
R/W
R/W
Timer Trigger Select 1 and 0 and Extended Trigger Select
These bits enable or disable the start of A/D conversion by a
trigger signal.
000: Disables A/D conversion start by external trigger
010: Enables A/D conversion start by external trigger from
TPU (units 0 and 1)
100: Enables A/D conversion start by external trigger from
TMR
110: Enables A/D conversion start by the
ADTRG1 pin
001: Setting prohibited
011: Enables simultaneous A/D conversion start in multiple
units by external trigger from TPU (units 0 and 1)
101: Enables simultaneous A/D conversion start in multiple
units by external trigger from TMR
111: Enables simultaneous A/D conversion start in multiple
units by the
ADTRG0-B pin
5
4
SCANE
SCANS
0
0
R/W
R/W
Scan Mode
These bits select the A/D conversion operating mode.
0x: Single mode
10: Scan mode. A/D conversion is performed continuously for
channels 1 to 4.
11: Scan mode. A/D conversion is performed continuously for
channels 1 to 8.*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com