Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1138 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1138 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1134Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1135Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1136Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1137Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1138Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1139Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1140Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1141Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1138 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1110 of 1270
REJ09B0466-0100
• RMMSTPCRL
Bit
Bit Name
Initial Value
R/W
Module
7
MSTP39
0
R/W
On-chip RAM_7 (H'FEC000 to H'FEDFFF)*
6
MSTP38
0
R/W
On-chip RAM_6 (H'FEE000 to H'FEFFFF)*
5
MSTP37
0
R/W
On-chip RAM_5 (H'FF0000 to H'FF1FFF)
4
MSTP36
0
R/W
On-chip RAM_4 (H'FF2000 to H'FF3FFF)
3
MSTP35
0
R/W
On-chip RAM_3 (H'FF4000 to H'FF5FFF)
2
MSTP34
0
R/W
On-chip RAM_2 (H'FF6000 to H'FF7FFF)
1
MSTP33
0
R/W
On-chip RAM_1 (H'FF8000 to H'FF9FFF)
0
MSTP32
0
R/W
On-chip RAM_0 (H'FFA000 to H'FFBFFF)
Note
: * Not supported by the H8S/24268R, H8S/24268, H8S/24265R, H8S/24265,
H8S/24261R, H8S/24261, H8S/24248, H8S/24245, and H8S/24241 Groups.
Although these bits are readable/writable, only 1 should be written to.
24.2
Operation
24.2.1
Clock Division Mode
When bits STC1 and STC0 in PLLCR are set to 11, a transition is made to clock division mode,
and the system clock frequency is divided with respect to the oscillator frequency. Clock division
mode is cancelled by clearing bits STC1 and STC0 to a value other than 11. The timings of
transition and clearing depend on the STCS bit setting in SCKCR. For the operation at transition
and clearing, see section 23.3, System-Clock PLL Circuit and Divider.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is cleared to 0, the chip enters
sleep mode. When sleep mode is cleared by an interrupt, clock division mode is restored.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is set to 1, the chip enters
software standby mode. When software standby mode is cleared by an external or internal
interrupt, clock division mode is restored.
When the RES pin is driven low, the reset state is entered and clock division mode is cleared. The
same applies to a reset caused by watchdog timer overflow.
When the STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com