| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 1148 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 1148 Page - Renesas Technology Corp |
|
1148 / 1302 page ![]() Section 24 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1120 of 1270 REJ09B0466-0100 24.5 Usage Notes 24.5.1 I/O Port Status In software standby mode, I/O port states are retained. Therefore, there is no reduction in current dissipation for the output current when a high-level signal is output. 24.5.2 Current Dissipation during Oscillation Stabilization Standby Period Current dissipation increases during the oscillation stabilization standby period. 24.5.3 EXDMAC, DMAC, and DTC Module Stop Depending on the operating status of the EXDMAC, DMAC, or DTC, the MSTP14 to MSTP13 and may not be set to 1. Setting of the EXDMAC, DMAC, or DTC module stop mode should be carried out only when the respective module is not activated. For details, see section 8, EXDMA Controller (EXDMAC), section 7, DMA Controller (DMAC), and section 9, Data Transfer Controller (DTC). Note: The EXDMAC is not supported by the H8S/2424 group. 24.5.4 On-Chip Peripheral Module Interrupts Relevant interrupt operations cannot be performed in module stop mode. Consequently, if module stop mode is entered when an interrupt has been requested, it will not be possible to clear the CPU interrupt source or the DMAC or DTC activation source. Interrupts should therefore be disabled before entering module stop mode. Note: The EXDMAC is not supported by the H8S/2424 group. 24.5.5 Writing to MSTPCR, EXMSTPCR, and RMMSTPCR MSTPCR, EXMSTPCR, and RMMSTPCR should only be written to by the CPU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |