Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1274 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1274 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1270Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1271Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1272Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1273Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1274Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1275Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1276Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1277Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1274 / 1302 page
background image
Appendix
Rev. 1.00 Sep. 19, 2008 Page 1246 of 1270
REJ09B0466-0100
Port Name
Pin Name
MCU
Operating
Mode
Reset
Hardware
Standby
Mode
Software Standby
Mode
Bus Release
State
Program
Execution State
Sleep Mode
1, 2
L
T
[OPE = 0]
T
[OPE = 1]
Keep
T
[Address output]
A7 to A0
Port C
3, 4, 7
T
T
[Address output,
OPE = 0]
T
[Address output,
OPE = 1]
Keep
[Other than the
above]
Keep
[Address output]
T
[Other than the
above]
Keep
[Address output]
A7 to A0
[Other than the
above]
I/O port
1, 2, 4
T
T
T
T
D15 to D8
Port D
3, 5, 7
T
T
[Data bus]
T
[Other than the
above]
Keep
[Data bus]
T
[Other than the
above]
Keep
[Data bus]
D15 to D8
[Other than the
above]
I/O port
8-bit
bus
T
T
Keep
Keep
I/O port
Port E
1,
2,
4
16-bit
bus
T
T
T
T
D7 to D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com