Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1292 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1292 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1288Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1289Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1290Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1291Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1292Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1293Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1294Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1295Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1292 / 1302 page
background image
Appendix
Rev. 1.00 Sep. 19, 2008 Page 1264 of 1270
REJ09B0466-0100
Terminal cross section
b1
bp
INCLUDE TRIM OFFSET.
DIMENSION "
*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "
*1" AND "*2"
1.
2.
Detail F
L
L1
*3
*1
F
120
91
90
61
60
31
30
1
x
Index mark
y
D
HD
bp
ZD
1.0
0.125
0.16
1.2
1.2
0.07
0.20
0.145
0.09
0.23
0.18
0.13
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14.1
14.0
13.9
D
14.1
14.0
13.9
E
1.4
A2
16.2
16.0
15.8
16.2
16.0
15.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
8°
0°
c
0.4
e
0.08
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
P-LQFP120-14x14-0.40
0.7g
MASS[Typ.]
120P6R-A / FP-120B / FP-120BV
PLQP0120LA-A
RENESAS Code
JEITA Package Code
Previous Code
e
Figure C.3 Package Dimensions (LQFP1414-120)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com