Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 202Page - Renesas Technology Corp H8S/2426R Datasheet HTML 203Page - Renesas Technology Corp H8S/2426R Datasheet HTML 204Page - Renesas Technology Corp H8S/2426R Datasheet HTML 205Page - Renesas Technology Corp H8S/2426R Datasheet HTML 206Page - Renesas Technology Corp H8S/2426R Datasheet HTML 207Page - Renesas Technology Corp H8S/2426R Datasheet HTML 208Page - Renesas Technology Corp H8S/2426R Datasheet HTML 209Page - Renesas Technology Corp H8S/2426R Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 178 of 1270
REJ09B0466-0100
6.3.11
Refresh Control Register (REFCR)
REFCR specifies DRAM/synchronous DRAM interface refresh control.
Note:
The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424
Group.
Bit
Bit Name
Initial Value
R/W
Description
15
CMF
0
R/(W)*
Compare Match Flag
Status flag that indicates a match between the
values of RTCNT and RTCOR.
[Clearing conditions]
• When 0 is written to CMF after reading CMF =
1 while the RFSHE bit is cleared to 0
• When CBR refreshing is executed while the
RFSHE bit is set to 1
[Setting condition]
When RTCOR = RTCNT
14
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables interrupt requests (CMI) by
the CMF flag when the CMF flag is set to 1.
This bit is valid when refresh control is not
performed. When the refresh control is performed,
this bit is always cleared to 0 and cannot be
modified.
0: Interrupt request by CMF flag disabled
1: Interrupt request by CMF flag enabled
13
12
RCW1
RCW0
0
0
R/W
R/W
CAS-RAS Wait Control
These bits select the number of wait cycles to be
inserted between the
CAS assert cycle and RAS
assert cycle in a DRAM/synchronous DRAM
refresh cycle.
00: Wait state not inserted
01: 1 wait state inserted
10: 2 wait states inserted
11: 3 wait states inserted
Note:
*
Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com