| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 230 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 230 Page - Renesas Technology Corp |
|
230 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 202 of 1270 REJ09B0466-0100 Both extension state T h inserted before the basic bus cycle and extension state Tt inserted after the basic bus cycle, or only one of these, can be specified for individual areas. Insertion or non- insertion can be specified for the T h state with the upper 8 bits (CSXH7 to CSXH0) in the CSACR register, and for the T t state with the lower 8 bits (CSXT7 to CSXT0). 6.6 Address/Data Multiplexed I/O Interface If areas 6 and 7 of the external address space are specified as address/data multiplexed I/O space in this LSI, the address/data multiplexed I/O interfacing can be performed. In the address/data multiplexed I/O interface, peripheral LSIs that require address/data multiplexing can be connected directly to this LSI. 6.6.1 Setting Address/Data Multiplexed I/O Space In the address/data multiplexed I/O interface, areas 6 and 7 are designated as the address/data multiplexed I/O space by setting the MPXE bit in MPXCR to 1. 6.6.2 Address/Data Multiplexing With the address/data multiplexed I/O space, the data bus and address bus are multiplexed. Table 6.4 shows the relation between the bus width and corresponding address output. Table 6.4 Multiplexed Address/Data Data Pins Bus Width Cycle PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0 PE7 PE6 PE5 PE4 PE3 PE2 PE1 PE0 Address A7 A6 A5 A4 A3 A2 A1 A0 8 bits Data D15 D14 D13 D12 D11 D10 D9 D8 Address A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 16 bits Data D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |