Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 233Page - Renesas Technology Corp H8S/2426R Datasheet HTML 234Page - Renesas Technology Corp H8S/2426R Datasheet HTML 235Page - Renesas Technology Corp H8S/2426R Datasheet HTML 236Page - Renesas Technology Corp H8S/2426R Datasheet HTML 237Page - Renesas Technology Corp H8S/2426R Datasheet HTML 238Page - Renesas Technology Corp H8S/2426R Datasheet HTML 239Page - Renesas Technology Corp H8S/2426R Datasheet HTML 240Page - Renesas Technology Corp H8S/2426R Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 209 of 1270
REJ09B0466-0100
(4) 16-Bit, 3-State Data Access Space
Figures 6.26 to 6.28 show bus timings for a 16-bit, 3-state data access space. When a 16-bit access
space is accessed, the entire address bus (D15 to D0) is used for all addresses, and the upper half
(D15 to D8) of the data bus is used for even addresses and the lower half (D7 to D0) of the data
bus is used for odd addresses. Wait states can be inserted in the data cycle.
D15 to D8
D7 to D0
D15 to D8
D7 to D0
HWR
LWR
CSn
AH
RD
Tma1
T1
T2
T3
Tma2
Address cycle
Data cycle
φ
Address bus
Write
Read
Address
Address
Read
data
Write data
Notes: 1. n = 6, 7
2. When RDNn = 1
Address
Address
Figure 6.26 Bus Timing for 16-Bit, 3-State Data Access Space
(Even Address Byte Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com