Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 256Page - Renesas Technology Corp H8S/2426R Datasheet HTML 257Page - Renesas Technology Corp H8S/2426R Datasheet HTML 258Page - Renesas Technology Corp H8S/2426R Datasheet HTML 259Page - Renesas Technology Corp H8S/2426R Datasheet HTML 260Page - Renesas Technology Corp H8S/2426R Datasheet HTML 261Page - Renesas Technology Corp H8S/2426R Datasheet HTML 262Page - Renesas Technology Corp H8S/2426R Datasheet HTML 263Page - Renesas Technology Corp H8S/2426R Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 232 of 1270
REJ09B0466-0100
Note, however, that the
RAS signal will go high if:
 a refresh operation is initiated in the RAS down state
 self-refreshing is performed
 the chip enters software standby mode
 the external bus is released
 the RCDM bit or BE bit is cleared to 0
If a transition is made to the all-module-clocks-stopped mode in the
RAS down state, the clock
will stop with
RAS low. To enter the all-module-clocks-stopped mode with RAS high, the
RCDM bit must be cleared to 0 before executing the SLEEP instruction.
Normal space
read
DRAM space
read
Tp
Tr
Tc1
Tc2
T1
T2
DRAM space read
Tc1
Tc2
Note: n = 2 to 5
RASn (CSn)
UCAS, LCAS
RD
OE
Data bus
Address bus
φ
Row address
Column address 1
Column address 2
External address
Figure 6.44 Example of Operation Timing in RAS Down Mode
(RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com