Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 275Page - Renesas Technology Corp H8S/2426R Datasheet HTML 276Page - Renesas Technology Corp H8S/2426R Datasheet HTML 277Page - Renesas Technology Corp H8S/2426R Datasheet HTML 278Page - Renesas Technology Corp H8S/2426R Datasheet HTML 279Page - Renesas Technology Corp H8S/2426R Datasheet HTML 280Page - Renesas Technology Corp H8S/2426R Datasheet HTML 281Page - Renesas Technology Corp H8S/2426R Datasheet HTML 282Page - Renesas Technology Corp H8S/2426R Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 251 of 1270
REJ09B0466-0100
6.8.8
Row Address Output State Control
When the command interval specification from the ACTV command to the next READ/WRIT
command cannot be satisfied, 1 to 3 states (Trw) that output the NOP command can be inserted
between the Tr cycle that outputs the ACTV command and the Tc1 cycle that outputs the column
address by setting the RCD1 and RCD0 bits of DRACCR. Use the optimum setting for the wait
time according to the synchronous DRAM connected and the operating frequency of this LSI.
Figure 6.58 shows an example of the timing when the one Trw state is set.
Tp
SDRAM
φ
RAS
Read
CAS
WE
CKE
PALL
ACTV
NOP
READ
NOP
DQMU, DQML
Data bus
Address bus
Tr
Trw
Tc1
Tcl
Tc2
Row address
Column
address
Column address
Precharge-sel
Row address
High
RAS
Write
CAS
WE
CKE
PALL
ACTV
NOP
NOP
WRIT
DQMU, DQML
Data bus
High
φ
Figure 6.58 Example of Access Timing when Row Address Output Hold State Is 1 State
(RCD1 = 0, RCD0 = 1, SDWCD = 0, CAS Latency 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com