Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 284Page - Renesas Technology Corp H8S/2426R Datasheet HTML 285Page - Renesas Technology Corp H8S/2426R Datasheet HTML 286Page - Renesas Technology Corp H8S/2426R Datasheet HTML 287Page - Renesas Technology Corp H8S/2426R Datasheet HTML 288Page - Renesas Technology Corp H8S/2426R Datasheet HTML 289Page - Renesas Technology Corp H8S/2426R Datasheet HTML 290Page - Renesas Technology Corp H8S/2426R Datasheet HTML 291Page - Renesas Technology Corp H8S/2426R Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 260 of 1270
REJ09B0466-0100
(2) RAS Down Mode
Even when burst operation is selected, it may happen that access to continuous synchronous
DRAM space is not continuous, but is interrupted by access to another space. In this case, if the
row address active state is held during the access to the other space, the read or write command
can be issued without ACTV command generation similarly to DRAM RAS down mode.
To select RAS down mode, set the BE bit to 1 in DRAMCR regardless of the RCDM bit settings.
The operation corresponding to DRAM RAS up mode is not supported by this LSI.
Figure 6.65 shows an example of the timing in RAS down mode.
Note, however, the next continuous synchronous DRAM space access is a full access if:
• a refresh operation is initiated in the RAS down state
• self-refreshing is performed
• the chip enters software standby mode
• the external bus is released
• the BE bit is cleared to 0
• the mode register of the synchronous DRAM is set
There is synchronous DRAM in which time of the active state of each bank is restricted. If it is not
guaranteed that other row address are accessed in a period in which program execution ensures the
value (software standby, sleep, etc.), auto refresh or self refresh must be set, and the restrictions of
the maximum active state time of each bank must be satisfied. When refresh is not used, programs
must be developed so that the bank is not in the active state for more than the specified time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com