Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 311Page - Renesas Technology Corp H8S/2426R Datasheet HTML 312Page - Renesas Technology Corp H8S/2426R Datasheet HTML 313Page - Renesas Technology Corp H8S/2426R Datasheet HTML 314Page - Renesas Technology Corp H8S/2426R Datasheet HTML 315Page - Renesas Technology Corp H8S/2426R Datasheet HTML 316Page - Renesas Technology Corp H8S/2426R Datasheet HTML 317Page - Renesas Technology Corp H8S/2426R Datasheet HTML 318Page - Renesas Technology Corp H8S/2426R Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 287 of 1270
REJ09B0466-0100
(7) Idle Cycle in Case of Normal Space Access after DRAM Space Access
(a) Normal space access after DRAM space read access
While the DRMI bit is cleared to 0 in DRACCR, idle cycle insertion after DRAM space access is
disabled. Idle cycle insertion after DRAM space access can be enabled by setting the DRMI bit to
1. The conditions and number of states of the idle cycle to be inserted are in accordance with the
settings of bits ICIS1, ICIS0, and IDLC in BCR are valid. Figures 6.88 and 6.89 show examples of
idle cycle operation when the DRMI bit is set to 1.
When the DRMI bit is cleared to 0, an idle cycle is not inserted after DRAM space access even if
bits ICIS1 and ICIS0 are set to 1.
Tp
Address bus
φ
RD
RAS
UCAS, LCAS
External address space read
Idle cycle
Data bus
Tr
Tc1
Tc2
T1
DRAM space read
DRAM space read
T2
Tc2
T3
Ti
Ti
Tc1
Figure 6.88 Example of Idle Cycle Operation after DRAM Access
(Consecutive Reads in Different Areas) (IDLC = 0, RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com