Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7727 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 69Page - Renesas Technology Corp SH7727 Datasheet HTML 70Page - Renesas Technology Corp SH7727 Datasheet HTML 71Page - Renesas Technology Corp SH7727 Datasheet HTML 72Page - Renesas Technology Corp SH7727 Datasheet HTML 73Page - Renesas Technology Corp SH7727 Datasheet HTML 74Page - Renesas Technology Corp SH7727 Datasheet HTML 75Page - Renesas Technology Corp SH7727 Datasheet HTML 76Page - Renesas Technology Corp SH7727 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 1 of 1034
REJ09B0254-0500
Section 1 Overview and Pin Functions
1.1
Features
The SH7727 is a single-chip RISC microprocessor that integrates a 32-bit RISC-type SuperH
RISC engine architecture CPU with digital signal processing (DSP) extension as its core that has a
cache memory, an on-chip X/Y memory, and a memory management unit (MMU) as well as
peripheral functions required for system configuration. The SH7727 includes data protection,
virtual memory, and other functions provided by incorporating an MMU into a SuperH Series
microprocessor (SH-1 or SH-2).
The SH7727 chip has the on-chip X/Y memory with large capacitance, on-chip DSP module, and
emulator support. The provision of on-chip DSP functions enables applications that previously
required the use of two chips—a microprocessor and a DSP—to be implemented with a single
chip.
High-speed data transfers with a direct memory access controller (DMAC) and an external
memory access support function enables direct connection to each memory. The SH7727
microprocessor also supports an infrared communication function, a stereo audio recording and
playback function, a USB host controller, a function controller, an LCD controller, a PCMCIA
interface, an A/D converter, and a D/A converter.
The USB host controller and LCD controller have bus master functions, so that data supplied from
an external memory (area 3) can be freely processed. Because the USB host controller, in
particular, conforms to Open HCI standards, it is extremely easy to transfer data from the PC of a
device driver or other devices. Also, low-power operation suitable for battery operation is possible
because the LCD controller continues to display even in sleep mode.
An internal USB transceiver is also provided, eliminating the need for attachments.
A powerful built-in power management function keeps power consumption low, even during high-
speed operation. In particular, power consumption can be significantly reduced by halting the X/Y
memory. Because the LSI operates at a maximum speed eight times of the speed at which the
system operates, it is ideal for electronic devices, which require both high speed and low power
consumption.
The features of this LSI are listed in table 1.1. The specifications of this LSI are listed in table 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com