Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7727 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 9Page - Renesas Technology Corp SH7727 Datasheet HTML 10Page - Renesas Technology Corp SH7727 Datasheet HTML 11Page - Renesas Technology Corp SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp SH7727 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xiii of lxxii
Page
Previous Version
Revised Version
303
12.2.5 Individual Memory Control Register
(MCR)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TPC1 TPC0 RCD1 RCD0 TRWL
1
TRWL
0
TRAS
1
TRAS
0
RASD AMX3 AMX2 AMX1 AMX0 RFSH RMO
DE
—
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9876543210
TPC1 TPC0 RCD1 RCD0 TRWL
1
TRWL
0
TRAS
1
TRAS
0
—
AMX3 AMX2 AMX1 AMX0 RFSH RMO
DE
—
Initial value:
0000000000000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 and 14
RAS Precharge Time
(TPC1, TPC0):
… However, the number of cycles inserted
immediately after the precharge all banks
(PALL) command is issued when
performing auto-refresh or the precharge
(PRE) command is issued in bank-active
mode is one fewer than the number of
cycles during normal operation. Do not set
TPC1 to 0 and TPC0 to 0 when in bank-
active mode.
… However, the number of cycles inserted
immediately after the precharge all banks
(PALL) command is issued when
performing auto-refresh is one fewer than
the number of cycles during normal
operation.
Note: * Immediately after the precharge all
banks (PALL) command is issued when
performing auto-refresh or the precharge
(PRE) command is issued in bank-active
mode.
Note: * Immediately after the precharge all
banks (PALL) command is issued when
performing auto-refresh.
304
Bit 7—SDRAM Bank Active (RASD):
Specifies whether SDRAM is put into bank-
active mode or auto-precharge mode. The
auto-precharge mode should be used if
both area 2 and area 3 are set in SDRAM
space and the bus width is 16 bits.
Bit 7: RASD
Description
0
Auto-precharge mode
(Initial value)
1
Bank-active mode
Bit 7
Reserved:
This bit is always read as 0. The write
value should always be 0.
Table deleted
309
12.2.6 PCMCIA Control Register (PCR)
Bits 8, 1, and 0
Area6 OE/WE Negate
Address Delay (A6TEH2, A6TEH1, and
A6TEH0):
Bit 8:
A6TEH2
Bit 1:
A6TEH1
Bit 0:
A6TEH0
Description
1004.5-cycle delay
1
Reserved
1
0
Reserved
1
Reserved
Bit 8:
A6TEH2
Bit 1:
A6TEH1
Bit 0:
A6TEH0
Description
1004.5-cycle delay
1
5.5-cycle delay
10
6.5-cycle delay
1
7.5-cycle delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com