Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7727 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp SH7727 Datasheet HTML 87Page - Renesas Technology Corp SH7727 Datasheet HTML 88Page - Renesas Technology Corp SH7727 Datasheet HTML 89Page - Renesas Technology Corp SH7727 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 14 of 1034
REJ09B0254-0500
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
94
L16
A25
O
Address bus
95
L18
BS/PTK[4]
O/IO
Bus cycle start signal / I/O port K
96
L19
RD
O
Read strobe
97
M16
WE0/DQMLL
O/O
D7–D0 select signal / DQM (SDRAM)
98
M17
WE1/DQMLU/WE
O/O/O
D15–D8 select signal /
DQM (SDRAM) / PCMCIA
WE
99
M18
WE2/DQMUL/
ICIORD/PTK[6]
O/O/
O/IO
D23–D16 select signal /
DQM (SDRAM) / PCMCIA I/O read /
I/O port K
100
M19
VssQ
—
Input/output power supply (0 V)
101
N16
WE3/DQMUU/
ICIOWR/PTK[7]
O/O/
O/IO
D31–D24 select signal /
DQM (SDRAM) / PCMCIA I/O write /
I/O port K
102
N17
VccQ
—
Input/output power supply (3.3 V)
103
N18
RD/
WR
O
Read/write
104
N19
PTE[7]/PCC0RDY/
AUDSYNC
IO/I/O
I/O port E / PCMCIA0 ready / AUD
synchronization
105
P16
CS0
O
Chip select 0
106
P17
CS2
O
Chip select 2
107
P18
CS3
O
Chip select 3
108
P19
CS4/PTK[2]
O/IO
Chip select 4 / I/O port K
109
R16
CS5/CE1A/PTK[3]
O/O/IO
Chip select 5 / CE1 (area 5 PCMCIA) /
I/O port K
110
R17
CS6/CE1B
O/O
Chip select 6 / CE1 (area 6 PCMCIA)
111
U17
CE2A/PTE[4]
O/IO
Area 5 PCMCIA card enable /
I/O port E
112
R19
CE2B/PTE[5]
O/IO
Area 6 PCMCIA card enable /
I/O port E
113
T17
AFE_HC1/
USB1d_DPLS/
PTK[0]
O/I/IO
AFE hardware control signal /
D+ signal input / I/O port K
114
T19
AFE_RLYCNT/
USB1d _DMNS/
PTK[1]
O/I/IO
AFE relay control signal / D- signal
input / I/O port K
115
R18
VssQ
—
Input/output power supply (0 V)
116
U19
AFE_SCLK/
USB1d _TXDPLS
I/O
AFE clock / D+ transmit output
117
U18
VccQ
—
Input/output power supply (3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com