Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7727 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 24Page - Renesas Technology Corp SH7727 Datasheet HTML 25Page - Renesas Technology Corp SH7727 Datasheet HTML 26Page - Renesas Technology Corp SH7727 Datasheet HTML 27Page - Renesas Technology Corp SH7727 Datasheet HTML 28Page - Renesas Technology Corp SH7727 Datasheet HTML 29Page - Renesas Technology Corp SH7727 Datasheet HTML 30Page - Renesas Technology Corp SH7727 Datasheet HTML 31Page - Renesas Technology Corp SH7727 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xxviii of lxxii
Page
Previous Version
Revised Version
949
Figure 32.17 Basic Bus Cycle (External
Wait, WAITSEL = 1)
D31 to D0
(read)
tRDS1
Figure 32.19 Basic Bus Cycle (External
Wait, WAITSEL = 1)
D31 to D0
(read)
tRDS1
Note added
Notes: tRDH1: Specified based on the earliest negate timing of CSn or RD.
tAH:
Specified based on the latest negate timing of
CSn, RD, or WEn.
971
Table 32.8 Peripheral Module Signal
Timing
–66.67
Min
Max
Table 32.11 Peripheral Module Signal
Timing
Min
Max
Note: * Pcyc stands for “P clock cycle.”
Note: * Pcyc stands for “peripheral clock
(P
φ) cycle.”
973
Figure 32.42 I/O Port Timing
PORT 7 to 0
(read)
(B:P clock ratio = 1:1)
PORT 7 to 0
(write)
PORT 7 to 0
(read)
(B:P clock ratio = 1:4)
PORT 7 to 0
(read)
(B:P clock ratio = 1:2)
Figure 32.44 I/O Port Timing
PORT A to H,
J to M, SC (write)
PORT A to H,
J to M, SC (read)
(bus clock:peripheral
clock ratio = 1:1)
PORT A to H,
J to M, SC (read)
(bus clock:peripheral
clock ratio = 1:1/4)
PORT A to H,
J to M, SC (read)
(bus clock:peripheral
clock ratio = 1:1/2)
974
Figure 32.45 TCK Input Timing
tTCKL
tTCKf
VIL VIL
VIH
VIH
VIL
1/2VccQ
1/2VccQ
tTCKf
tTCKH
tTCKcyc
TCK (input)
Note: When clock is input from TCK pin
Figure 32.47 TCK Input Timing
tTCKL
tTCKf
VIL VIL
VIH
VIH
VIH
1/2 VccQ
1/2 VccQ
tTCKf
tTCKH
tTCKcyc
TCK (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com