Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7727 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 17Page - Renesas Technology Corp SH7727 Datasheet HTML 18Page - Renesas Technology Corp SH7727 Datasheet HTML 19Page - Renesas Technology Corp SH7727 Datasheet HTML 20Page - Renesas Technology Corp SH7727 Datasheet HTML 21Page - Renesas Technology Corp SH7727 Datasheet HTML 22Page - Renesas Technology Corp SH7727 Datasheet HTML 23Page - Renesas Technology Corp SH7727 Datasheet HTML 24Page - Renesas Technology Corp SH7727 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xxi of lxxii
Page
Previous Version
Revised Version
786
25.3.1 LCD Module Sizes which can be
Displayed in this LCDC
The overhead coefficient is 1.375 if the
SDRAM in CL2 uses a 32-bit bus and 1.188
if it uses a 16-bit bus.
The overhead coefficient depends on the
bus used by the SDRAM in CL2, as
indicated below.
If the hardware rotation function is not used
(ROT = 0), the overhead coefficient is 1.375
if a 32-bit bus is used and 1.188 if a 16-bit
bus is used.
If the hardware rotation function is used
(ROT = 1), the overhead coefficient is
determined by the access unit select (AU)
setting and the bus width, as follows.
Table added
Access Unit Select (AU) Setting
32-Bit Bus
16-Bit Bus
4-burst operation
2.500
1.750
8-burst operation
1.750
1.375
16-burst operation
1.375
1.188
32-burst operation
1.188
1.094
787
to
793
25.3.2 Limits on the Resolution of Rotated
Displays, Burst Length, and Connected
Memory (SDRAM)
Replaced
816
25.5 Usage Notes
Newly added
820,
821
Table 26.1 List of Multiplexed Pins
Port
Port Function
(Related Module)
Other Function 1
(Related Module)
Other Function 2
(Related Module)
K
PTK2 in/out (port)
CS4 out (BSC)
K
PTK1 in/out (port)
AFE_RLYCNT out (AFE)
USB1d_DMNS0 in (USB)*
2
K
PTK0 in/out (port)
AFE_HC1 out (AFE)
USB1d_DPLS0 in (USB)*
2
L
PTL7 in (port)
N7
A
in (ADC)/DA0 out (DAC)
L
PTL2 in (port)
N2
A
in (ADC)
M
PTM7 in (port)/PINT7 in (INTC)
AFE_FS in (AFE)
USB1d_RCV0 in (USB)*
2
M
PTM6 in (port)/PINT6 in (INTC)
AFE_RXIN in (AFE)
USB1d_SPEED0 out (USB)*
2
M
PTM5 in (port)/PINT5 in (INTC)
AFE_TXOUT out (AFE)
USB1d_TXSE0 out (USB)*
2
M
PTM4 in (port)/PINT4 in (INTC)
AFE_RDET in (AFE)
USB1d_TXMNS0 out (USB)*
2
M
PTM3 in (port)/ PINT10 in (INTC)
LCD15 out (LCDC)
Port
Port Function
(Related Module)
Other Function 1
(Related Module)
Other Function 2
(Related Module)
K
PTK2 in/out (port)
CS4 out (BSC)
K
PTK1 in/out (port)
AFE_RLYCNT out (AFE)
USB1d_DMNS in (USB)*
2
K
PTK0 in/out (port)
AFE_HC1 out (AFE)
USB1d_DPLS in (USB)*
2
L
PTL7 in (port)
AN7 in (ADC)/DA0 out (DAC)
L
PTL2 in (port)
AN2 in (ADC)
M
PTM7 in (port)/PINT7 in (INTC)
AFE_FS in (AFE)
USB1d_RCV in (USB)*
2
M
PTM6 in (port)/PINT6 in (INTC)
AFE_RXIN in (AFE)
USB1d_SPEED out (USB)*
2
M
PTM5 in (port)/PINT5 in (INTC)
AFE_TXOUT out (AFE)
USB1d_TXSE0 out (USB)*
2
M
PTM4 in (port)/PINT4 in (INTC)
AFE_RDET in (AFE)
M
PTM3 in (port)/ PINT10 in (INTC)
LCD15 out (LCDC)
Port
Port Function
(Related Module)
Other Function 1
(Related Module)
Other Function 2
(Related Module)
SCPT4 in (port)*
1
RxD2 in (UART ch 3)
SCPT
SCPT4 out (port)*
1
TxD2 out (UART ch 3)
SCPT
SCPT1 in/out (port)
SCK0 in/out (UART ch 1)
SCPT
SCPT0 in (port)*
1
RxD0 in (UART ch 1)
SCPT0 out (port)*
1
TxD0 out (UART ch 1)
Port
Port Function
(Related Module)
Other Function 1
(Related Module)
Other Function 2
(Related Module)
SCPT4 in (port)*
1
RxD2 in (SCIF)
SCPT
SCPT4 out (port)*
1
TxD2 out (SCIF)
SCPT
SCPT1 in/out (port)
SCK0 in/out (SCI)
SCPT
SCPT0 in (port)*
1
RxD0 in (SCI)
SCPT0 out (port)*
1
TxD0 out (SCI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com