Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp SH7052 Datasheet HTML 359Page - Renesas Technology Corp SH7052 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 919 page
background image
330
• Bit 2—Noise Canceler Enable (NCE): Enables or disables the noise canceler function.
Bit 2: NCE
Description
0
Noise canceler function is disabled
(Initial value)
1
Noise canceler function is enabled
• Bits 1 and 0—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select the channel 10
external input (TI10) edge(s). The clock (AGCK) is generated by the detected edge(s).
Bit 1: CKEG1
Bit 0: CKEG0
Description
0
0
TI10 input disabled
(Initial value)
1
TI10 input rising edges detected
1
0
TI10 input falling edges detected
1
TI10 input rising and falling edges both detected
Timer Status Register 10 (TSR10): TSR10 is a 16-bit readable/writable register that indicates
the occurrence of channel 10 input capture or compare-match.
Each flag is an interrupt source, and issues an interrupt request to the CPU if the interrupt is
enabled by the corresponding bit in timer interrupt enable register 10 (TIER10).
TSR10 is initialized to H'0000 by a power-on reset, and in hardware standby mode and software
standby mode.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
——
CMF10G CMF10B ICF10A CMF10A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.
• Bits 15 to 4—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com