Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp SH7052 Datasheet HTML 359Page - Renesas Technology Corp SH7052 Datasheet HTML 360Page - Renesas Technology Corp SH7052 Datasheet HTML 361Page - Renesas Technology Corp SH7052 Datasheet HTML 362Page - Renesas Technology Corp SH7052 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 919 page
background image
333
• Bit 1—Input Capture Interrupt Enable 10A (ICE10A): Enables or disables interrupt requests
by ICF10A in TSR10 when ICF10A is set to 1.
Bit 1: ICE10A
Description
0
ICI10A interrupt requested by ICF10A is disabled
(Initial value)
1
ICI10A interrupt requested by ICF10A is enabled
• Bit 0—Compare-Match Interrupt Enable 10A (CME10A): Enables or disables interrupt
requests by CMF10A in TSR10 when CMF10A is set to 1.
Bit 0: CME10A
Description
0
CMI10A interrupt requested by CMF10A is disabled
(Initial value)
1
CMI10A interrupt requested by CMF10A is enabled
10.3
Operation
10.3.1
Overview
The ATU-II has twelve timers of eight kinds in channels 0 to 11. It also has a built-in prescaler
that generates input clocks, and it is possible to generate or select internal clocks of the required
frequency independently of circuitry outside the ATU-II.
The operation of each channel and the prescaler is outlined below.
Channel 0: Channel 0 has a 32-bit free-running counter (TCNT0) and four 32-bit input capture
registers (ICR0A to ICR0D). TCNT0 is an up-counter that performs free-running operation. An
interrupt request can be generated on counter overflow. The four input capture registers (ICR0A to
ICR0D) capture the free-running counter (TCNT0) value by means of input from the
corresponding external signal input pin (TI0A to TI0D). For capture by means of input from an
external signal input pin, rising edge, falling edge, or both edges can be selected in the timer I/O
control register (TIOR0). In the case of input capture register 0D (ICR0D) only, capture can be
performed by means of a compare-match between free-running counter 10B (TCNT10B) and
compare-match register 10B (OCR10B), by making a setting in timer control register 10 (TCR10).
In this case, capture is performed even if an input capture disable setting has been made for
TIOR0. In each case, the DMAC can be activated or an interrupt requested when capture occurs.
Channel 0 also has three interval interrupt request registers (ITVRR1, ITVRR2A, ITVRR2B). A/D
converter (AD0 to AD2) activation can be selected by setting 1 in ITVA6 to ITVA13 in ITVRR,
and an interrupt request to the CPU by setting 1 in ITVE6 to ITVE13. These operations are
performed when the corresponding bit of bits 6 to 13 in TCNT0 changes to 1, enabling use as an
interval timer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com