Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp SH7052 Datasheet HTML 359Page - Renesas Technology Corp SH7052 Datasheet HTML 360Page - Renesas Technology Corp SH7052 Datasheet HTML 361Page - Renesas Technology Corp SH7052 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 919 page
background image
332
Timer Interrupt Enable Register 10 (TIER10): TIER10 is a 16-bit readable/writable register
that controls enabling/disabling of channel 10 input capture and compare-match interrupt requests.
TIER10 is initialized to H'0000 by a power-on reset, and in hardware standby mode and software
standby mode.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
—
IREG
CME10G CME10B ICE10A CME10A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 5—Reserved: These bits always read 0. The write value should always be 0.
• Bit 4—Interrupt Enable Edge G (IREG): Specifies TSR10 CMF10G interrupt request timing.
Bit 4: IREG
Description
0
Interrupt is requested when CMF10G becomes 1
(Initial value)
1
Interrupt is requested by next external input (TI10) (AGCK) after CMF10G
becomes 1
• Bit 3—Compare-Match Interrupt Enable 10G (CME10G): Enables or disables interrupt
requests by CMF10G in TSR10 when CMF10G is set to 1.
Bit 3: CME10G
Description
0
CMI10G interrupt requested by CMF10G is disabled
(Initial value)
1
CMI10G interrupt requested by CMF10G is enabled
• Bit 2—Compare-Match Interrupt Enable 10B (CME10B): Enables or disables interrupt
requests by CMF10B in TSR10 when CMF10B is set to 1.
Bit 2: CME10B
Description
0
CMI10B interrupt requested by CMF10B is disabled
(Initial value)
1
CMI10B interrupt requested by CMF10B is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com