Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 397Page - Renesas Technology Corp SH7052 Datasheet HTML 398Page - Renesas Technology Corp SH7052 Datasheet HTML 399Page - Renesas Technology Corp SH7052 Datasheet HTML 400Page - Renesas Technology Corp SH7052 Datasheet HTML 401Page - Renesas Technology Corp SH7052 Datasheet HTML 402Page - Renesas Technology Corp SH7052 Datasheet HTML 403Page - Renesas Technology Corp SH7052 Datasheet HTML 404Page - Renesas Technology Corp SH7052 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 919 page
background image
375
Sample Setup Procedure for Channel 0 Input Capture Triggered by Channel 10 Compare-
Match: An example of the setup procedure for compare-match transmission is shown in figure
10.55.
1. Set the timing for compare-match generation in the channel 10 output compare register
(OCR10B).
2. Set the TRG0DEN bit to 1 in the channel 10 timer control register (TCR10).
3. Set the corresponding bit to 1 in the timer start register (TSTR) to start the channel 10 free-
running counter (TCNT10B). On compare-match between TCNT10B and OCR10B, the
compare-match signal is transmitted to channel 0 as the channel 0 ICR0D input capture signal.
Set compare-match
1
Set TCR10
2
Start counter
3
Signal transmission
Start
Figure 10.55 Sample Setup Procedure for Compare-Match Signal Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com