Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 399Page - Renesas Technology Corp SH7052 Datasheet HTML 400Page - Renesas Technology Corp SH7052 Datasheet HTML 401Page - Renesas Technology Corp SH7052 Datasheet HTML 402Page - Renesas Technology Corp SH7052 Datasheet HTML 403Page - Renesas Technology Corp SH7052 Datasheet HTML 404Page - Renesas Technology Corp SH7052 Datasheet HTML 405Page - Renesas Technology Corp SH7052 Datasheet HTML 406Page - Renesas Technology Corp SH7052 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 919 page
background image
377
Sample Setup Procedure for Offset One-Shot Pulse Output/Cutoff Operation: An example of
the setup procedure for offset one-shot pulse output is shown in figure 10.57.
1. Set the first-stage counter clock ø' in prescaler register 1 (PSCR1), and select the second-stage
counter clock ø" with the CKSEL bit in the timer control register (TCR1, TCR2, TCR8).
2. Set port K control registers H and L (PKCRH, PKCRL) corresponding to the waveform output
port to ATU one-shot pulse output. Also set the corresponding bit to 1 in the port K IO
register (PKIOR) to specify the output attribute
3. Set the one-shot pulse width in the down-counter (DCNT) corresponding to the port set in (2).
If necessary, a timer interrupt request can be sent to the CPU when the down-counter
underflows by making the appropriate setting in the interrupt enable register (TIER8).
4. Set the offset width in the channel 1 or 2 general register (GR1A to GR1H, GR2A to GR2H)
connected to the down-counter (DCNT) corresponding to the port set in 2, and in the output
compare register (OCR1, OCR2A to OCR2H). Set the timer I/O control register (TIOR1A to
TIOR1D, TIOR2A to TIOR2D) to the compare-match enabled state.
5. Set the start/terminate trigger by means of the trigger mode register (TRGMDR), timer
connection register (TCNR), and one-shot pulse terminate register (OTR), so that it
corresponds to the port set in step 2 above.
6. Set the corresponding bit to 1 in the timer start register (TSTR) to start the channel 1 or 2 free-
running counter (TCNT1, TCNT2). When the TCNT value and GR value or OCR value
match, the corresponding DCNT starts counting down or is forcibly cleared, and one-shot
pulse output is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com