Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 401Page - Renesas Technology Corp SH7052 Datasheet HTML 402Page - Renesas Technology Corp SH7052 Datasheet HTML 403Page - Renesas Technology Corp SH7052 Datasheet HTML 404Page - Renesas Technology Corp SH7052 Datasheet HTML 405Page - Renesas Technology Corp SH7052 Datasheet HTML 406Page - Renesas Technology Corp SH7052 Datasheet HTML 407Page - Renesas Technology Corp SH7052 Datasheet HTML 408Page - Renesas Technology Corp SH7052 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 919 page
background image
379
Sample Setup Procedure for Interval Timer Operation: An example of the setup procedure for
interval timer operation is shown in figure 10.58.
1. Set the first-stage counter clock ø' in prescaler register 1 (PSCR1).
2. Set the ITVE bit to be used in the interval interrupt request register (ITVRR) to 1. An interrupt
request can be sent to the CPU when the corresponding bit changes to 1 in the channel 0 free-
running counter (TCNT0).
To start A/D converter sampling, set the ITVA bit to be used in ITVRR to 1.
3. Set bit 0 to 1 in the timer start register (TSTR) to start TCNT0.
Select counter clock
1
Set interval
2
Start counter
3
Interrupt request to CPU
or start of A/D0 sampling
Start
Figure 10.58 Sample Setup Procedure for Interval Timer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com