Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 404Page - Renesas Technology Corp SH7052 Datasheet HTML 405Page - Renesas Technology Corp SH7052 Datasheet HTML 406Page - Renesas Technology Corp SH7052 Datasheet HTML 407Page - Renesas Technology Corp SH7052 Datasheet HTML 408Page - Renesas Technology Corp SH7052 Datasheet HTML 409Page - Renesas Technology Corp SH7052 Datasheet HTML 410Page - Renesas Technology Corp SH7052 Datasheet HTML 411Page - Renesas Technology Corp SH7052 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 919 page
background image
382
Sample Setup Procedure for PWM Timer Operation (Channels 6 and 7): An example of the
setup procedure for PWM timer operation (channels 6 and 7) is shown in figure 10.60.
1. Set the first-stage counter clock ø' in prescaler register 2 and 3 (PSCR2, PSCR3), and select the
second-stage counter clock ø" with the CKSEL bit in the timer control register (TCR6A,
TCR6B, TCR7A, TCR7B).
2. Set the port B control register L (PBCRL) corresponding to the waveform output port to ATU
PWM output. Also set the corresponding bit to 1 in the port B IO register (PBIOR) to specify
the output attribute.
3. Set PWM waveform output 1 output timing in the cycle register (CYLR6A to CYLR6D,
CYLR7A to CYLR7D), and set the PWM waveform output 0 output timing in the buffer
register (BFR6A to BFR6D, BFR7A to BFR7D) and duty register (DTR6A to DTR6D,
DTR7A to DTR7D). If necessary, an interrupt request can be sent to the CPU on a compare-
match between the CYLR value and the free-running counter (TCNT) value by making the
appropriate setting in the timer interrupt enable register (TIER). In addition, setting the DMAC
allows DMAC activation to be performed.
4. Set the corresponding bit to 1 in the timer start register (TSTR) to start the TCNT counter for
the relevant channel.
Notes: 1. Do not make a setting in DTR after the counter is started. Use BFR to make a DTR
setting.
2. 0% duty is specified by setting H'0000 in the duty register (DTR), and 100% duty is
specified by setting buffer register (BFR) = cycle register (CYLR). Do not set BFR >
CYLR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com