Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 407Page - Renesas Technology Corp SH7052 Datasheet HTML 408Page - Renesas Technology Corp SH7052 Datasheet HTML 409Page - Renesas Technology Corp SH7052 Datasheet HTML 410Page - Renesas Technology Corp SH7052 Datasheet HTML 411Page - Renesas Technology Corp SH7052 Datasheet HTML 412Page - Renesas Technology Corp SH7052 Datasheet HTML 413Page - Renesas Technology Corp SH7052 Datasheet HTML 414Page - Renesas Technology Corp SH7052 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 919 page
background image
385
Sample Setup Procedure for Channel 3 Input Capture Triggered by Channel 9 Compare-
Match: An example of the setup procedure for compare-match signal transmission is shown in
figure 10.62.
1. Set the port control register, corresponding to the port for signal input to the event counter, to
ATU event counter input.
2. Set the channel 3 timer I/O control register (TIOR3A, TIOR3B), and select the input capture
disable setting for the general registers (GR3A to GR3D). Input from pins TIO3A to TIO3D is
masked.
3. Select the event counter count edge with the EGSEL bits in the channel 9 timer control register
(TCR9A, TCR9B), and set the TRG3xEN bit to 1. Set the timing for capture in the general
register (GR9A to GR9D).
4. Set bit STR3 to 1 in the timer start register (TSTR) to start the channel 3 free-running counter
(TCNT3).
5. Input a signal to the event counter input pin.
Note:
An interrupt request can be sent to the CPU upon channel 9 compare-match by making a
setting in the timer interrupt enable register (TIER), but an interrupt request cannot be sent
to the CPU upon channel 3 input capture.
Set port-ATU-II connection
1
Set input capture
2
Start counter
4
Start event input
5
Select compare-match
3
Input capture operation
Start
Figure 10.62 Sample Setup Procedure for Compare-Match Signal Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com