Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 410Page - Renesas Technology Corp SH7052 Datasheet HTML 411Page - Renesas Technology Corp SH7052 Datasheet HTML 412Page - Renesas Technology Corp SH7052 Datasheet HTML 413Page - Renesas Technology Corp SH7052 Datasheet HTML 414Page - Renesas Technology Corp SH7052 Datasheet HTML 415Page - Renesas Technology Corp SH7052 Datasheet HTML 416Page - Renesas Technology Corp SH7052 Datasheet HTML 417Page - Renesas Technology Corp SH7052 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 919 page
background image
388
Contention between TCNT Write and Increment: If a write to a channel 0 to 11 free-running
counter (TCNT0, TCNT1A, TCNT1B, TCNT2A, TCNT2B, TCNT3 to TCNT5, TCNT6A to
TCNT6D, TCNT7A to TCNT7D, TCNT10A to TCNT10H, TCNT11), down-counter (DCNT8A
to DCNT8P), or event counter 9 (ECNT9A to ECNT9F) is performed while that counter is
counting up or down, the write to the counter has priority and the counter is not incremented or
decremented.
The timing in this case is shown in figure 10.65 In this example, the CPU writes H'5555 at the
point at which TCNT is to be incremented from H'1001 to H'1002.
Pø
T1
TCNT address
5555
(CPU write value)
Internal write signal
TCNT input clock
Address
TCNT
T2
1001
5556
Figure 10.65 Contention between TCNT Write and Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com