Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 409Page - Renesas Technology Corp SH7052 Datasheet HTML 410Page - Renesas Technology Corp SH7052 Datasheet HTML 411Page - Renesas Technology Corp SH7052 Datasheet HTML 412Page - Renesas Technology Corp SH7052 Datasheet HTML 413Page - Renesas Technology Corp SH7052 Datasheet HTML 414Page - Renesas Technology Corp SH7052 Datasheet HTML 415Page - Renesas Technology Corp SH7052 Datasheet HTML 416Page - Renesas Technology Corp SH7052 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 919 page
background image
387
10.7
Usage Notes
Note that the kinds of operation and contention described below occur during ATU operation.
Contention between TCNT Write and Clearing by Compare-Match: With channel 3 to 7 free-
running counters (TCNT3 to TCNT5, TCNT6A to TCNT6D, TCNT7A to TCNT7D), if a
compare-match occurs in the T2 state of a CPU write cycle when counter clearing by compare-
match has been set, or when PWM mode is used, the write to TCNT has priority and TCNT
clearing is not performed.
The compare-match remains valid, and writing of 1 to the interrupt status flag and waveform
output to an external destination are performed in the same way as for a normal compare-match.
The timing in this case is shown in figure 10.64.
Pø
T1
Address
TCNT address
CPU write value
Internal write signal
Compare-match signal
Counter clear signal
TCNT
Interrupt status flag
External output signal
(1 output)
T2
Figure 10.64 Contention between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com