Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 462Page - Renesas Technology Corp SH7052 Datasheet HTML 463Page - Renesas Technology Corp SH7052 Datasheet HTML 464Page - Renesas Technology Corp SH7052 Datasheet HTML 465Page - Renesas Technology Corp SH7052 Datasheet HTML 466Page - Renesas Technology Corp SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 919 page
background image
440
• Internal or external transmit/receive clock source: baud rate generator (internal) or SCK pin
(external)
• Four types of interrupts: Transmit-data-empty, transmit-end, receive-data-full, and receive-
error interrupts are requested independently. The transmit-data-empty and receive-data-full
interrupts can start the direct memory access controller (DMAC) to transfer data.
• Selection of LSB-first or MSB-first transfer (8-bit length)
This selection is available regardless of the communication mode. (The descriptions in this
section are based on LSB-first transfer.)
14.1.2
Block Diagram
Figure 14.1 shows a block diagram of the SCI.
Parity
generation
Parity check
Transmit/
receive control
Baud rate
generator
Clock
External clock
Internal
data bus
RxD
RDR
TDR
RSR
TSR
SSR
SCR
SMR
SDCR
BRR
P
φ
P
φ/4
P
φ/16
P
φ/64
TEI
TXI
RXI
ERI
SCK
RSR:
RDR:
TSR:
TDR:
Receive shift register
Receive data register
Transmit shift register
Transmit data register
SMR:
SCR:
SSR:
BRR:
SDCR:
Serial mode register
Serial control register
Serial status register
Bit rate register
Serial direction control register
TxD
SCI
Module data bus
Figure 14.1 SCI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com