Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 465Page - Renesas Technology Corp SH7052 Datasheet HTML 466Page - Renesas Technology Corp SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 919 page
background image
443
Table 14.2
Registers (cont)
Channel
Name
Abbreviation R/W
Initial
Value
Address*
2
Access
Size
3
Serial mode register 3
SMR3
R/W
H'00
H'FFFFF018
8, 16
Bit rate register 3
BRR3
R/W
H'FF
H'FFFFF019
Serial control register 3
SCR3
R/W
H'00
H'FFFFF01A
Transmit data register 3
TDR3
R/W
H'FF
H'FFFFF01B
Serial status register 3
SSR3
R/(W)*
1
H'84
H'FFFFF01C
Receive data register 3
RDR3
R
H'00
H'FFFFF01D
Serial direction control
register 3
SDCR3
R/W
H'F2
H'FFFFF01E
8
4
Serial mode register 4
SMR4
R/W
H'00
H'FFFFF020
8, 16
Bit rate register 4
BRR4
R/W
H'FF
H'FFFFF021
Serial control register 4
SCR4
R/W
H'00
H'FFFFF022
Transmit data register 4
TDR4
R/W
H'FF
H'FFFFF023
Serial status register 4
SSR4
R/(W)*
1
H'84
H'FFFFF024
Receive data register 4
RDR4
R
H'00
H'FFFFF025
Serial direction control
register 4
SDCR4
R/W
H'F2
H'FFFFF026
8
Notes: 1. The only value that can be written is a 0 to clear the flags.
2. Do not access empty addresses.
3. In register access, four or five cycles are required for byte access, and eight or nine
cycles for word access.
14.2
Register Descriptions
14.2.1
Receive Shift Register (RSR)
The receive shift register (RSR) receives serial data. Data input at the RxD pin is loaded into RSR
in the order received, LSB (bit 0) first, converting the data to parallel form. When one byte has
been received, it is automatically transferred to RDR.
The CPU cannot read or write to RSR directly.
Bit:
7
6
5
4
3
2
1
0
R/W:
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com