Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 919 page
background image
446
• Bit 6—Character Length (CHR): Selects 7-bit or 8-bit data in asynchronous mode. In
synchronous mode, the data length is always eight bits, regardless of the CHR setting.
Bit 6: CHR
Description
0
Eight-bit data
(Initial value)
1
Seven-bit data
When 7-bit data is selected, the MSB (bit 7) of the transmit data register
is not transmitted. LSB-first/MSB-first selection is not available.
• Bit 5—Parity Enable (PE): Selects whether to add a parity bit to transmit data and to check the
parity of receive data, in asynchronous mode. In synchronous mode and when using a
multiprocessor format, a parity bit is neither added nor checked, regardless of the PE bit
setting.
Bit 5: PE
Description
0
Parity bit not added or checked
(Initial value)
1
Parity bit added and checked
When PE is set to 1, an even or odd parity bit is added to transmit data,
depending on the parity mode (O/
E bit) setting. Receive data parity is
checked according to the even/odd (O/
E bit) setting.
• Bit 4—Parity Mode (O/E): Selects even or odd parity when parity bits are added and checked.
The O/
E setting is used only in asynchronous mode and only when the parity enable bit (PE) is
set to 1 to enable parity addition and checking. The O/
E setting is invalid in synchronous
mode, in asynchronous mode when parity bit addition and checking is disabled, and when
using a multiprocessor format.
Bit 4: O/
E
Description
0
Even parity
(Initial value)
If even parity is selected, the parity bit is added to transmit data to make
an even number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an even number of
1s in the received character and parity bit combined.
1
Odd parity
If odd parity is selected, the parity bit is added to transmit data to make
an odd number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an odd number of 1s
in the received character and parity bit combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com