Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 919 page
background image
448
14.2.6
Serial Control Register (SCR)
The serial control register (SCR) operates the SCI transmitter/receiver, selects the serial clock
output in asynchronous mode, enables/disables interrupt requests, and selects the transmit/receive
clock source. The CPU can always read and write to SCR. SCR is initialized to H'00 by a power-
on reset, and in hardware standby mode. It is not initialized by a manual reset, and in software
standby mode.
Bit:
7
6
5
4
3
2
1
0
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Transmit Interrupt Enable (TIE): Enables or disables the transmit-data-empty interrupt
(TXI) requested when the transmit data register empty bit (TDRE) in the serial status register
(SSR) is set to 1 by transfer of serial transmit data from TDR to TSR.
Bit 7: TIE
Description
0
Transmit-data-empty interrupt request (TXI) is disabled
(Initial value)
The TXI interrupt request can be cleared by reading TDRE after it has
been set to 1, then clearing TDRE to 0, or by clearing TIE to 0.
1
Transmit-data-empty interrupt request (TXI) is enabled
• Bit 6—Receive Interrupt Enable (RIE): Enables or disables the receive-data-full interrupt
(RXI) requested when the receive data register full bit (RDRF) in the serial status register
(SSR) is set to 1 by transfer of serial receive data from RSR to RDR. It also enables or disables
receive-error interrupt (ERI) requests.
Bit 6: RIE
Description
0
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are disabled
(Initial value)
RXI and ERI interrupt requests can be cleared by reading the RDRF
flag or error flag (FER, PER, or ORER) after it has been set to 1, then
clearing the flag to 0, or by clearing RIE to 0.
1
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com