Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 919 page
background image
447
• Bit 3—Stop Bit Length (STOP): Selects one or two bits as the stop bit length in asynchronous
mode. This setting is used only in asynchronous mode. It is ignored in synchronous mode
because no stop bits are added.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit
of the next incoming character.
Bit 3: STOP
Description
0
One stop bit
(Initial value)
In transmitting, a single bit of 1 is added at the end of each transmitted
character.
1
Two stop bits
In transmitting, two 1-bits are added at the end of each transmitted
character.
• Bit 2—Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor
format is selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored.
The MP bit setting is used only in asynchronous mode; it is ignored in synchronous mode. For
the multiprocessor communication function, see section 14.3.3, Multiprocessor
Communication.
Bit 2: MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected
• Bits 1 and 0—Clock Select 1 and 0 (CKS1, CKS0): These bits select the internal clock source
of the on-chip baud rate generator. Four clock sources are available: P
φ, Pφ/4, Pφ/16, or Pφ/64
(P
φ is the peripheral clock). For further information on the clock source, bit rate register
settings, and baud rate, see section 14.2.8, Bit Rate Register.
Bit 1: CKS1
Bit 0: CKS0
Description
00P
φ
(Initial value)
1P
φ/4
10P
φ/16
1P
φ/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com