Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 919 page
background image
451
• Bits 1 and 0—Clock Enable 1 and 0 (CKE1, CKE0): These bits select the SCI clock source
and enable or disable clock output from the SCK pin. Depending on the combination of CKE1
and CKE0, the SCK pin can be used for serial clock output, or serial clock input. Select the
SCK pin function by using the pin function controller (PFC).
The CKE0 setting is valid only in asynchronous mode, and only when the SCI is internally
clocked (CKE1 = 0). The CKE0 setting is ignored in synchronous mode, or when an external
clock source is selected (CKE1 = 1). For further details on selection of the SCI clock source,
see table 14.9 in section 14.3, Operation.
Bit 1:
CKE1
Bit 0:
CKE0 Description*
1
0
0
Asynchronous mode
Internal clock, SCK pin used for input pin (input signal
is ignored) or output pin (output level is undefined)*
2
Synchronous mode
Internal clock, SCK pin used for synchronous clock
output
*2
0
1
Asynchronous mode
Internal clock, SCK pin used for clock output*
3
Synchronous mode
Internal clock, SCK pin used for synchronous clock
output
1
0
Asynchronous mode
External clock, SCK pin used for clock input*
4
Synchronous mode
External clock, SCK pin used for synchronous clock
input
1
1
Asynchronous mode
External clock, SCK pin used for clock input*
4
Synchronous mode
External clock, SCK pin used for synchronous clock
input
Notes: 1. The SCK pin is multiplexed with other functions. Use the pin function controller (PFC) to
select the SCK function for this pin, as well as the I/O direction.
2. Initial value.
3. The output clock frequency is the same as the bit rate.
4. The input clock frequency is 16 times the bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com