Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 919 page
background image
449
• Bit 5—Transmit Enable (TE): Enables or disables the SCI serial transmitter.
Bit 5: TE
Description
0
Transmitter disabled
(Initial value)
The transmit data register empty bit (TDRE) in the serial status register
(SSR) is locked at 1.
1
Transmitter enabled
Serial transmission starts when the transmit data register empty (TDRE)
bit in the serial status register (SSR) is cleared to 0 after writing of
transmit data into TDR. Select the transmit format in SMR before setting
TE to 1.
• Bit 4—Receive Enable (RE): Enables or disables the SCI serial receiver.
Bit 4: RE
Description
0
Receiver disabled
(Initial value)
Clearing RE to 0 does not affect the receive flags (RDRF, FER, PER,
ORER). These flags retain their previous values.
1
Receiver enabled
Serial reception starts when a start bit is detected in asynchronous
mode, or synchronous clock input is detected in synchronous mode.
Select the receive format in SMR before setting RE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com